186 characteristic curves (t a =25 c) symbol ratings unit v cbo 100 15 v v ceo 100 15 v v ebo 6v i c 1a i cp 2.5 (pw 1ms, d u 25%) a i b 0.5 a 4 (t a =25 c) 16 (t c =25 c) t j 150 c t stg C 40 to +150 c (t a =25 c) ymbol unit conditions i cbo 10 av cb =85v i ebo 3ma v eb =6v v ceo 85 100 115 v i c =1ma h fe 2000 5000 10000 v ce =4v, i c =0.5a v ce (sat) 1.0 1.5 v v be (sat) 1.6 2.2 v v fec 1.4 1.8 v i fec =0.5a t on 0.5 sv cc 30v, t stg 2.5 si c =0.5a, t f 1.0 si b1 = C i b2 =1ma f t 50 mhz v ce =12v, i e = C 0.1a c ob 14 pf v ce =10v, f=1mhz p t w sta485a i c =0.5a, i b =1ma specification min typ max r 1 : 5k ? typ r 2 : 400 ? typ 2 1 3 r 1 r 2 4 5 6 7 8 9 10 2.5 i c (a) v ce (v) 0123 2 1.5 1 0.5 456 0 i b = 5 m a 2ma 1ma 0.5ma 0 .3 m a 0.2m a 10000 h fe i c (a) 0.01 0.1 1 2.5 (v ce =4v) 1000 5000 100 500 20 50 typ 20000 10000 h fe i c (a) 0.01 0.1 1 2.5 (v ce =4v) 1000 100 30 125 c 75 c 25 c C 30 c 3 2 1 0 0.01 0.1 1 5 (i b =2ma) i c (a) v ce (sat) (v) 125 c 75 c 25 c C 30 c 3 2 1 0 0.05 0.1 1 100 10 (i c =0.5a) i b (ma) v ce (sat) (v) 125 c 75 c 25 c C 30 c 2.5 i c (a) v be (v) 01 23 (v ce =4v) 2 1.5 1 0.5 0 125 c 75 c 25 c C 30 c pw (ms) 1000 500 100 50 10 5 2 10 5 30 j C a ( c / w) 1 5 i c (a) v ce (v) 1 10 200 1 0.1 0.01 100 s 1ms 10ms 100 single pulse without heatsink t a =25 c 20 p t (w) ta ( c) C 40 0 50 150 15 10 5 0 100 with silicone grease natural cooling heatsink: aluminum with infinite heatsink without heatsink npn darlington with built-in avalanche diode external dimensions d sta (10-pin) absolute maximum ratings equivalent circuit diagram electrical characteristics i c -v ce characteristics (typical) h fe -i c characteristics (typical) h fe -i c temperature characteristics (typical) v ce (sat)-i c temperature characteristics (typical) v ce (sat)-i b temperature characteristics (typical) i c -v be temperature characteristics (typical) j-a -pw characteristics p t -t a characteristics safe operating area (soa)
|